PART |
Description |
Maker |
349-10-104-00-560000 |
Interconnect Header.100 Grid; Surface Mount Pin Header
|
Mill-Max Mfg. Corp.
|
449-10-210 449-10-210-00-560000 |
Interconnect Header.100 Grid; Surface Mount Pin Header
|
Mill-Max Mfg. Corp.
|
829-22-006-20-002101 |
Interconnect Header Spring-Loaded Header Horizontal Mount Single Row Through Hole
|
Mill-Max Mfg. Corp.
|
829-22-009-20-002101 |
Interconnect Header Spring-Loaded Header Horizontal Mount Single Row Through Hole
|
Mill-Max Mfg. Corp.
|
829-22-012-20-002101 |
Interconnect Header Spring-Loaded Header Horizontal Mount Single Row Through Hole
|
Mill-Max Mfg. Corp.
|
829-22-008-20-002101 |
Interconnect Header Spring-Loaded Header Horizontal Mount Single Row Through Hole
|
Mill-Max Mfg. Corp.
|
0747121009 |
6.25mm (.246) Pitch Ganged RF Header, Vertical, 6 Circuits, Long Tails, Without Packaging Header
|
Molex Electronics Ltd.
|
0556382019 55638-2019 |
2.54mm (.100) Pitch QF-50 Flat Ribbon Cable Header, Dual Row, Right AngleShrouded Header with Eject Levers, 20 Circuits, Lead-free
|
Molex Electronics Ltd.
|
M5289 M5285 M5293 M5295 M5283 M5304 M5299 M5292 M5 |
Current Limiter Diode 4.3 mA, SILICON, CURRENT REGULATOR DIODE JIGH RELIABILITY CURRENT REGULATOR DIODES JIGH可靠性电流调节二极管 HEADER STRAIGHT 34 WAY HEADER STRAIGHT 60 WAY 5V Adjustable, 10W, CMOS, Step-Up, Switching Regulator Controller HEADER R/A 50 WAY Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits HEADER STRAIGHT 50 WAY HIGH RELIABILITY CURRENT REGULATOR DIODES 1.5 mA, SILICON, CURRENT REGULATOR DIODE, DO-35
|
MICROSEMI CORP-SCOTTSDALE Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
0554012619 55401-2619 |
2.54mm (.100) Pitch QF-50 Flat Ribbon Cable Header, Dual Row, Vertical Shrouded Header with Eject Levers, 26 Circuits, Lead-free MOLEX Connector
|
Molex Electronics Ltd.
|